PART |
Description |
Maker |
MJE2955T MJE2955TG MJE3055TG MJE3055T |
Bipolar Power TO220 PNP 10A 60V; Package: TO-220 3 LEAD STANDARD; No of Pins: 3; Container: Rail; Qty per Container: 50 10 A, 60 V, PNP, Si, POWER TRANSISTOR, TO-220AB Complementary Silicon Plastic Power Transistors
|
ON Semiconductor
|
BCX52-10 BCX52-16 BCP52-16 BCP52-10 BC52PA |
60 V, 1 A PNP medium power transistors PNP medium power transistor series in Surface-Mounted Device (SMD) plastic packages.
|
NXP Semiconductors
|
2N4920G 2N4918 2N4918_04 2N4919 2N4920 |
Medium-Power Plastic PNP Silicon Transistors
|
ONSEMI[ON Semiconductor]
|
TIP107 |
PNP Plastic Medium-Power Silicon Transistors
|
Micro Commercial Compon...
|
MJD20006 MJD210T4G MJD200 MJD200G MJD200RL MJD200R |
Complementary Plastic Power Transistors 5 A, 25 V, PNP, Si, POWER TRANSISTOR
|
ONSEMI[ON Semiconductor]
|
DTA143ZCA-TP DTA143ZCA11 |
100 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR PLASTIC PACKAGE-3 PNP Digital Transistors
|
Micro Commercial Components, Corp. Micro Commercial Compon...
|
2N6437 2N6438 2N6437-D |
POWER TRANSISTORS PNP SILICON 25 A, 120 V, PNP, Si, POWER TRANSISTOR, TO-204AA High-Power PNP Silicon Transistors
|
ONSEMI[ON Semiconductor]
|
MJE210 MJE210G MJE210T MJE210TG MJE200G MJE20007 |
Complementary Silicon Power Plastic Transistors Bipolar Power C77 PNP 5A 25V; Package: TO-225; No of Pins: 3; Container: Bulk; Qty per Container: 50
|
ON Semiconductor
|
CSB772P CSB772R CSB772 CSB772E CSB772Q |
10.000W Medium Power PNP Plastic Leaded Transistor. 30V Vceo, 3.000A Ic, 60 - 400 hFE. Complementary CSD882 10.000W Medium Power PNP Plastic Leaded Transistor. 30V Vceo, 3.000A Ic, 200 - 400 hFE. Complementary CSD882E 10.000W Medium Power PNP Plastic Leaded Transistor. 30V Vceo, 3.000A Ic, 60 - 120 hFE. Complementary CSD882R 10.000W Medium Power PNP Plastic Leaded Transistor. 30V Vceo, 3.000A Ic, 100 - 200 hFE. Complementary CSD882Q 10.000W Medium Power PNP Plastic Leaded Transistor. 30V Vceo, 3.000A Ic, 160 - 320 hFE. Complementary CSD882P Audio Frequency Power Amplifier and Low Speed Switching
|
CDIL[Continental Device India Limited]
|
2SB1132-P 2SB1132-R 2SB1132-Q |
PNP Plastic-Encapsulate Transistors
|
Micro Commercial Components
|